Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4463 Fiches technique(PDF) 45 Page - Silicon Laboratories

No de pièce SI4463
Description  HIGH-PERFORMANCE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4463 Fiches technique(HTML) 45 Page - Silicon Laboratories

Back Button SI4463 Datasheet HTML 41Page - Silicon Laboratories SI4463 Datasheet HTML 42Page - Silicon Laboratories SI4463 Datasheet HTML 43Page - Silicon Laboratories SI4463 Datasheet HTML 44Page - Silicon Laboratories SI4463 Datasheet HTML 45Page - Silicon Laboratories SI4463 Datasheet HTML 46Page - Silicon Laboratories SI4463 Datasheet HTML 47Page - Silicon Laboratories SI4463 Datasheet HTML 48Page - Silicon Laboratories SI4463 Datasheet HTML 49Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
Si4463/61/60-C
Rev 1.0
45
12
SCLK
I
Serial Clock Input.
0–VDD V digital input. This pin provides the serial data clock function for the
4-line serial data bus. Data is clocked into the Si4463/61 on positive edge tran-
sitions.
13
SDO
O
0–VDD V Digital Output.
Provides a serial readback function of the internal control registers.
14
SDI
I
Serial Data Input.
0–VDD V digital input. This pin provides the serial data stream for the 4-line
serial data bus.
15
nSEL
I
Serial Interface Select Input.
0–VDD V digital input. This pin provides the Select/Enable function for the
4-line serial data bus.
16
XOUT
O
Crystal Oscillator Output.
Connect to an external 25 to 32 MHz crystal, or leave floating when driving
with an external source on XIN.
17
XIN
I
Crystal Oscillator Input.
Connect to an external 25 to 32 MHz crystal, or connect to an external source.
18
GND
GND
When using an XTAL, leave floating per the reference design schematic. When
using a TCXO, connect to TCXO GND, which should be separate from the
board’s reference ground plane.
19
GPIO2
I/O
General Purpose Digital I/O.
May be configured through the registers to perform various functions, including
Microcontroller Clock Output, FIFO status, POR, Wake-Up timer, Low Battery
Detect, TRSW, AntDiversity control, etc.
20
GPIO3
I/O
PKG
PADDLE_GND
GND
The exposed metal paddle on the bottom of the Si446x supplies the RF and cir-
cuit ground(s) for the entire chip. It is very important that a good solder connec-
tion is made between this exposed metal paddle and the ground plane of the
PCB underlying the Si446x.
Pin
Pin Name
I/0
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com