Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4463 Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce SI4463
Description  HIGH-PERFORMANCE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4463 Fiches technique(HTML) 4 Page - Silicon Laboratories

  SI4463 Datasheet HTML 1Page - Silicon Laboratories SI4463 Datasheet HTML 2Page - Silicon Laboratories SI4463 Datasheet HTML 3Page - Silicon Laboratories SI4463 Datasheet HTML 4Page - Silicon Laboratories SI4463 Datasheet HTML 5Page - Silicon Laboratories SI4463 Datasheet HTML 6Page - Silicon Laboratories SI4463 Datasheet HTML 7Page - Silicon Laboratories SI4463 Datasheet HTML 8Page - Silicon Laboratories SI4463 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
Si4463/61/60-C
4
Rev 1.0
1. Electrical Specifications
Table 1. DC Characteristics1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
Range
VDD
1.8
3.3
3.8
V
Power Saving Modes IShutdown
RC Oscillator, Main Digital Regulator,
and Low Power Digital Regulator OFF
30
1300
nA
IStandby
Register values maintained and RC
oscillator/WUT OFF
40
2900
nA
ISleepRC RC Oscillator/WUT ON and all register values main-
tained, and all other blocks OFF
740 3800
nA
ISleepXO
Sleep current using an external 32 kHz crystal
1.7
µA
ISensor
-LBD
Low battery detector ON, register values maintained,
and all other blocks OFF
—1—
µA
IReady
Crystal Oscillator and Main Digital Regulator ON,
all other blocks OFF
—1.8
mA
Preamble Sense
Mode Current
Ipsm
Duty cycling during preamble search,
1.2 kbps, 4 byte preamble
—6—
mA
Ipsm
Fixed 1 s wakeup interval, 50 kbps, 5 byte preamble
10
µA
TUNE Mode Current
ITune_RX
RX Tune, High Performance Mode
7.6
mA
ITune_TX
TX Tune, High Performance Mode
7.8
mA
RX Mode Current
IRXH
High Performance Mode
(measured at 915 MHz and 40 kbps data rate)
—13.7
22
mA
IRXL
Low Power Mode
(measured at 315 MHz and 40 kbps data rate)
—10.9—
mA
TX Mode Current
(Si4463)
ITX_+20
+20 dBm output power, Class-E match,
915 MHz, 3.3 V
—88
108
mA
+20 dBm output power, square-wave match,
169 MHz, 3.3 V
—68.5
80
mA
+13 dBm output power, Class-E match,
915 MHz, 3.3 V
—44.5
60
mA
TX Mode Current
(Si4460)
ITX_+10
+10 dBm output power, Class-E match,
915/868 MHz, 3.3 V2
—19.7—
mA
ITX_+10
+10 dBm output power, Class-E match,
169 MHz, 3.3 V2
—18—
mA
ITX_+13
+13 dBm output power, Class-E match,
915/868 MHz, 3.3 V
—24—
mA
TX Mode Current
(Si4461)
ITX_+16
+16 dBm output power, class-E match,
868 MHz, 3.3 V
—43
55
mA
ITX_+13
+13 dBm output power, switched-current match,
868 MHz, 3.3 V
—33.5
40
mA
Notes:
1.
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
Measured on direct-tie RF evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com