Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4463 Fiches technique(PDF) 29 Page - Silicon Laboratories

No de pièce SI4463
Description  HIGH-PERFORMANCE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4463 Fiches technique(HTML) 29 Page - Silicon Laboratories

Back Button SI4463 Datasheet HTML 25Page - Silicon Laboratories SI4463 Datasheet HTML 26Page - Silicon Laboratories SI4463 Datasheet HTML 27Page - Silicon Laboratories SI4463 Datasheet HTML 28Page - Silicon Laboratories SI4463 Datasheet HTML 29Page - Silicon Laboratories SI4463 Datasheet HTML 30Page - Silicon Laboratories SI4463 Datasheet HTML 31Page - Silicon Laboratories SI4463 Datasheet HTML 32Page - Silicon Laboratories SI4463 Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
Si4463/61/60-C
Rev 1.0
29
5.2. RX Modem
Using high-performance ADCs allows channel filtering, image rejection, and demodulation to be performed in the
digital domain, which allows for flexibility in optimizing the device for particular applications. The digital modem
performs the following functions:

Channel selection filter

TX modulation

RX demodulation

Automatic Gain Control (AGC)

Preamble detection

Invalid preamble detection

Radio signal strength indicator (RSSI)

Automatic frequency compensation (AFC)

Image Rejection Calibration

Packet handling

Cyclic redundancy check (CRC)
The digital channel filter and demodulator are optimized for ultra-low-power consumption and are highly
configurable. Supported modulation types are GFSK, FSK, 4GFSK, 4FSK, GMSK, and OOK. The channel filter
can be configured to support bandwidths ranging from 850 kHz down to 1.1 kHz. A large variety of data rates are
supported ranging from 100 bps up to 1 Mbps. The configurable preamble detector is used with the synchronous
demodulator to improve the reliability of the sync-word detection. Preamble detection can be skipped using only
sync detection, which is a valuable feature in some applications. The received signal strength indicator (RSSI)
provides a measure of the signal strength received on the tuned channel. The resolution of the RSSI is 0.5 dB. This
high-resolution RSSI enables accurate channel power measurements for clear channel assessment (CCA), carrier
sense (CS), and listen before talk (LBT) functionality. A comprehensive programmable packet handler is integrated
to create a variety of communication topologies ranging from peer-to-peer networks to mesh networks. The
extensive programmability of the packet header allows for advanced packet filtering, which, in turn enables a mix of
broadcast, group, and point-to-point communication. A wireless communication channel can be corrupted by noise
and interference, so it is important to know if the received data is free of errors. A cyclic redundancy check (CRC)
is used to detect the presence of erroneous bits in each packet. A CRC is computed and appended at the end of
each transmitted packet and verified by the receiver to confirm that no errors have occurred. The packet handler
and CRC can significantly reduce the load on the system microcontroller allowing for a simpler and cheaper
microcontroller. The digital modem includes the TX modulator, which converts the TX data bits into the
corresponding stream of digital modulation values to be summed with the fractional input to the sigma-delta
modulator. This modulation approach results in highly accurate resolution of the frequency deviation. A Gaussian
filter is implemented to support GFSK and 4GFSK, considerably reducing the energy in adjacent channels. The
default bandwidth-time product (BT) is 0.5 for all programmed data rates, but it may be adjusted to other values.
5.2.1. Automatic Gain Control (AGC)
The AGC algorithm is implemented digitally using an advanced control loop optimized for fast response time. The
AGC occurs within a single bit or in less than 2 µs. Peak detectors at the output of the LNA and PGA allow for
optimal adjustment of the LNA gain and PGA gain to optimize IM3, selectivity, and sensitivity performance.
5.2.2. Auto Frequency Correction (AFC)
Frequency mistuning caused by crystal inaccuracies can be compensated for by enabling the digital automatic
frequency control (AFC) in receive mode. There are two types of integrated frequency compensation: modem
frequency compensation and AFC by adjusting the PLL frequency. With AFC disabled, the modem compensation
can correct for frequency offsets up to ±0.25 times the IF bandwidth. When the AFC is enabled, the received signal
is centered in the passband of the IF filter, providing optimal sensitivity and selectivity over a wider range of
frequency offsets up to ±0.35 times the IF bandwidth. When AFC is enabled, the preamble length needs to be long
enough to settle the AFC. As shown in Table 13 on page 27, an additional byte of preamble is typically required to
settle the AFC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com