Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4463 Fiches technique(PDF) 36 Page - Silicon Laboratories

No de pièce SI4463
Description  HIGH-PERFORMANCE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4463 Fiches technique(HTML) 36 Page - Silicon Laboratories

Back Button SI4463 Datasheet HTML 32Page - Silicon Laboratories SI4463 Datasheet HTML 33Page - Silicon Laboratories SI4463 Datasheet HTML 34Page - Silicon Laboratories SI4463 Datasheet HTML 35Page - Silicon Laboratories SI4463 Datasheet HTML 36Page - Silicon Laboratories SI4463 Datasheet HTML 37Page - Silicon Laboratories SI4463 Datasheet HTML 38Page - Silicon Laboratories SI4463 Datasheet HTML 39Page - Silicon Laboratories SI4463 Datasheet HTML 40Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Si4463/61/60-C
36
Rev 1.0
Figure 12. +20 dBm TX Power vs. Temp
5.5. Crystal Oscillator
The Si446x includes an integrated crystal oscillator with a fast start-up time of less than 250 µs. The design is
differential with the required crystal load capacitance integrated on-chip to minimize the number of external
components. By default, all that is required off-chip is the crystal. The default crystal is 30 MHz, but the circuit is
designed to handle any XTAL from 25 to 32 MHz. If a crystal different than 30 MHz is used, the POWER_UP API
boot command must be modified. The WDS calculator crystal frequency field must also be changed to reflect the
frequency being used. The crystal load capacitance can be digitally programmed to accommodate crystals with
various load capacitance requirements and to adjust the frequency of the crystal oscillator. The tuning of the crystal
load capacitance is programmed through the GLOBAL_XO_TUNE API property. The total internal capacitance is
11 pF and is adjustable in 127 steps (70 fF/step). The crystal frequency adjustment can be used to compensate for
crystal production tolerances. The frequency offset characteristics of the capacitor bank are demonstrated in
Figure 13.
Figure 13. Capacitor Bank Frequency Offset Characteristics
18
18.5
19
19.5
20
20.5
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
Temperature (C)
TX Power vs Temp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com