Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4463 Fiches technique(PDF) 34 Page - Silicon Laboratories

No de pièce SI4463
Description  HIGH-PERFORMANCE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4463 Fiches technique(HTML) 34 Page - Silicon Laboratories

Back Button SI4463 Datasheet HTML 30Page - Silicon Laboratories SI4463 Datasheet HTML 31Page - Silicon Laboratories SI4463 Datasheet HTML 32Page - Silicon Laboratories SI4463 Datasheet HTML 33Page - Silicon Laboratories SI4463 Datasheet HTML 34Page - Silicon Laboratories SI4463 Datasheet HTML 35Page - Silicon Laboratories SI4463 Datasheet HTML 36Page - Silicon Laboratories SI4463 Datasheet HTML 37Page - Silicon Laboratories SI4463 Datasheet HTML 38Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Si4463/61/60-C
34
Rev 1.0
The ramping profile is close to a linear ramping profile with smoothed out corner when approaching Vhi and Vlo.
The TXRAMP pin can source up to 1 mA without voltage drooping. The TXRAMP pin’s sinking capability is
equivalent to a 10 k
 pull-down resistor.
Vhi = 3 V when Vdd > 3.3 V. When Vdd < 3.3 V, the Vhi will be closely following the Vdd, and ramping time will be
smaller also.
Vlo = 0 V when NO current needed to be sunk into TXRAMP pin. If 10uA need to be sunk into the chip, Vlo will be
10 µA x 10k = 100 mV.
Table 15. Ramp Times as a Function of TC[3:0] Value
TC
Ramp Time (µs)
01.25
11.33
21.43
31.54
41.67
51.82
62.00
72.22
82.50
92.86
10
3.33
11
4.00
12
5.00
13
6.67
14
10.00
15
20.00
Number
Command
Summary
0x2200
PA_MODE
Sets PA type.
0x2201
PA_PWR_LVL
Adjust TX power in fine steps.
0x2202
PA_BIAS_CLKDUTY
Adjust TX power in coarse steps
and optimizes for different
match configurations.
0x2203
PA_TC
Changes the ramp up/down time
of the PA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com