Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4463 Fiches technique(PDF) 21 Page - Silicon Laboratories

No de pièce SI4463
Description  HIGH-PERFORMANCE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4463 Fiches technique(HTML) 21 Page - Silicon Laboratories

Back Button SI4463 Datasheet HTML 17Page - Silicon Laboratories SI4463 Datasheet HTML 18Page - Silicon Laboratories SI4463 Datasheet HTML 19Page - Silicon Laboratories SI4463 Datasheet HTML 20Page - Silicon Laboratories SI4463 Datasheet HTML 21Page - Silicon Laboratories SI4463 Datasheet HTML 22Page - Silicon Laboratories SI4463 Datasheet HTML 23Page - Silicon Laboratories SI4463 Datasheet HTML 24Page - Silicon Laboratories SI4463 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Si4463/61/60-C
Rev 1.0
21
3. Enable PLL.
4. Calibrate VCO/PLL.
5. Wait until PLL settles to required transmit frequency (controlled by an internal timer).
6. Activate power amplifier and wait until power ramping is completed (controlled by an internal timer).
7. Transmit packet.
Steps in this sequence may be eliminated depending on which state the chip is configured to prior to commanding
to TX. By default, the VCO and PLL are calibrated every time the PLL is enabled. When the START_TX API
command is utilized the next state may be defined to ensure optimal timing and turnaround.
Figure 8 shows an example of the commands and timing for the START_TX command. CTS will go high as soon
as the sequencer puts the part into TX state. As the sequencer is stepping through the events listed above, CTS
will be low and no new commands or property changes are allowed. If the Fast Response (FRR) or nIRQ is used to
monitor the current state there will be slight delay caused by the internal hardware from when the event actually
occurs to when the transition occurs on the FRR or nIRQ. The time from entering TX state to when the FRR will
update is 5 µs and the time to when the nIRQ will transition is 13 µs. If a GPIO is programmed for TX state or used
as control for a transmit/receive switch (TR switch) there is no delay.
Figure 8. Start_TX Commands and Timing
3.3.8. RX State
The RX state may be entered from any of the other states by using the “Start RX” or “Change State” API command.
A built-in sequencer takes care of all the actions required to transition between states. The following sequence of
events will occur automatically to get the chip into RX mode when going from standby to RX state:
1. Enable the digital LDO and the analog LDOs.
2. Start up crystal oscillator and wait until ready (controlled by an internal timer).
3. Enable PLL.
4. Calibrate VCO
5. Wait until PLL settles to required receive frequency (controlled by an internal timer).
6. Enable receiver circuits: LNA, mixers, and ADC.
7. Enable receive mode in the digital modem.
Depending on the configuration of the radio, all or some of the following functions will be performed automatically
by the digital modem: AGC, AFC (optional), update status registers, bit synchronization, packet handling (optional)
including sync word, header check, and CRC. Similar to the TX state, the next state after RX may be defined in the
“Start RX” API command. The START_RX commands and timing will be equivalent to the timing shown in Figure 8.
START_TX
CTS
NSEL
SDI
YYY State
Current State
Tx State
nIRQ
YYY State
FRR
Tx State
TXCOMPLETE_STATE
TXCOMPLETE_STATE
GPIOx – TX state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com