Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4463 Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce SI4463
Description  HIGH-PERFORMANCE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4463 Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button SI4463 Datasheet HTML 3Page - Silicon Laboratories SI4463 Datasheet HTML 4Page - Silicon Laboratories SI4463 Datasheet HTML 5Page - Silicon Laboratories SI4463 Datasheet HTML 6Page - Silicon Laboratories SI4463 Datasheet HTML 7Page - Silicon Laboratories SI4463 Datasheet HTML 8Page - Silicon Laboratories SI4463 Datasheet HTML 9Page - Silicon Laboratories SI4463 Datasheet HTML 10Page - Silicon Laboratories SI4463 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Si4463/61/60-C
Rev 1.0
7
RX Sensitivity
915/868 MHz3
PRX_0.5
(BER < 0.1%)
(500 bps, GFSK, BT = 0.5,
f= 250Hz)
—–127—
dBm
PRX_40
(BER < 0.1%)
(40 kbps, GFSK, BT = 0.5,
f= 20 kHz)
–109
–107
dBm
PRX_100
(BER < 0.1%)
(100 kbps, GFSK, BT = 0.5,
f= 50 kHz)
–104
–102
dBm
PRX_500
(BER < 0.1%)
(500 kbps, GFSK, BT = 0.5,
f= 250 kHz)
–97
–92
dBm
PRX_9.6
(PER 1%)
(9.6 kbps, 4GFSK, BT = 0.5,
f=  kHz)
—–109—
dBm
PRX_1M
(PER 1%)
(1 Mbps, 4GFSK, BT = 0.5,
inner deviation = 83.3 kHz)
–88
dBm
PRX_OOK
(BER < 0.1%, 4.8 kbps, 350 kHz BW,
OOK, PN15 data)
–108
–104
dBm
(BER < 0.1%, 40 kbps, 350 kHz BW,
OOK, PN15 data)
–101
–97
dBm
(BER < 0.1%, 120 kbps, 350 kHz BW,
OOK, PN15 data)
–96
–91
dBm
RX Channel Bandwidth
BW
1.1
850
kHz
RSSI Resolution
RESRSSI
Valid from –110 dBm to –90 dBm
±0.5
dB
1-Ch Offset Selectivity,
169 MHz3
C/I1-CH
Desired Ref Signal 3 dB above sensitiv-
ity, BER < 0.1%. Interferer is CW, and
desired is modulated with 2.4 kbps
F = 1.2 kHz GFSK with BT = 0.5, RX
channel BW = 4.8 kHz,
channel spacing = 12.5 kHz
–69
–59
dB
1-Ch Offset Selectivity,
450 MHz3
C/I1-CH
–60
–50
dB
1-Ch Offset Selectivity,
868 / 915 MHz3
C/I1-CH
–55
–45
dB
Blocking 1 MHz Offset
1MBLOCK Desired Ref Signal 3 dB above sensitiv-
ity, BER = 0.1%. Interferer is CW, and
desired is modulated with 2.4 kbps,
F = 1.2 kHz GFSK with BT = 0.5,
RX channel BW = 4.8 kHz
–79
–68
dB
Blocking 8 MHz Offset
8MBLOCK
–86
–75
dB
Table 3. Receiver AC Electrical Characteristics1,2 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
For PER tests, 48 preamble symbols, 4 byte sync word, 10 byte payload and CRC-32 was used.
3.
Measured over 50000 bits using PN9 data sequence and data and clock on GPIOs. Sensitivity is expected to be better
if reading data from packet handler FIFO especially at higher data rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com