Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4463 Fiches technique(PDF) 16 Page - Silicon Laboratories

No de pièce SI4463
Description  HIGH-PERFORMANCE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4463 Fiches technique(HTML) 16 Page - Silicon Laboratories

Back Button SI4463 Datasheet HTML 12Page - Silicon Laboratories SI4463 Datasheet HTML 13Page - Silicon Laboratories SI4463 Datasheet HTML 14Page - Silicon Laboratories SI4463 Datasheet HTML 15Page - Silicon Laboratories SI4463 Datasheet HTML 16Page - Silicon Laboratories SI4463 Datasheet HTML 17Page - Silicon Laboratories SI4463 Datasheet HTML 18Page - Silicon Laboratories SI4463 Datasheet HTML 19Page - Silicon Laboratories SI4463 Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
Si4463/61/60-C
16
Rev 1.0
3. Controller Interface
3.1. Serial Peripheral Interface (SPI)
The Si446x communicates with the host MCU over a standard 4-wire serial peripheral interface (SPI): SCLK, SDI,
SDO, and nSEL. The SPI interface is designed to operate at a maximum of 10 MHz. The SPI timing parameters
are demonstrated in Table 9. The host MCU writes data over the SDI pin and can read data from the device on the
SDO output pin. Figure 3 demonstrates an SPI write command. The nSEL pin should go low to initiate the SPI
command. The first byte of SDI data will be one of the firmware commands followed by n bytes of parameter data
which will be variable depending on the specific command. The rising edges of SCLK should be aligned with the
center of the SDI data.
Figure 3. SPI Write Command
The Si446x contains an internal MCU which controls all the internal functions of the radio. For SPI read commands
a typical MCU flow of checking clear-to-send (CTS) is used to make sure the internal MCU has executed the
command and prepared the data to be output over the SDO pin. Figure 4 demonstrates the general flow of an SPI
read command. Once the CTS value reads FFh then the read data is ready to be clocked out to the host MCU. The
typical time for a valid FFh CTS reading is 20 µs. Figure 5 demonstrates the remaining read cycle after CTS is set
to FFh. The internal MCU will clock out the SDO data on the negative edge so the host MCU should process the
SDO data on the rising edge of SCLK.
Table 9. Serial Interface Timing Parameters
Symbol
Parameter
Min
(ns)
Max
(ns)
Diagram
tCH
Clock high time
40
tCL
Clock low time
40
tDS
Data setup time
20
tDH
Data hold time
20
tDD
Output data delay time
43
tDE
Output disable time
45
tSS
Select setup time
20
tSH
Select hold time
50
tSW
Select high period
80
*Note:
CL = 10 pF; VDD = 1.8 V; SDO Drive strength setting = 10.
SCLK
SDI
SDO
nSEL
tCL
tSS
tCH
tDS
tDH
tDD
tSH tDE
tSW
FW Command
Param Byte 0
Param Byte n
nSEL
SDO
SDI
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com