Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4463 Fiches technique(PDF) 2 Page - Silicon Laboratories

No de pièce SI4463
Description  HIGH-PERFORMANCE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4463 Fiches technique(HTML) 2 Page - Silicon Laboratories

  SI4463 Datasheet HTML 1Page - Silicon Laboratories SI4463 Datasheet HTML 2Page - Silicon Laboratories SI4463 Datasheet HTML 3Page - Silicon Laboratories SI4463 Datasheet HTML 4Page - Silicon Laboratories SI4463 Datasheet HTML 5Page - Silicon Laboratories SI4463 Datasheet HTML 6Page - Silicon Laboratories SI4463 Datasheet HTML 7Page - Silicon Laboratories SI4463 Datasheet HTML 8Page - Silicon Laboratories SI4463 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
Si4463/61/60-C
2
Rev 1.0
Functional Block Diagram
Product
Freq. Range
Max Output
Power
TX Current at
Max Power and
868 MHz
Narrow Band
Support
IEEE 802.15.4g
PHY
Si4463
Major bands
142-1050 MHz
+20 dBm
85 mA

Si4461
Major bands
142-1050 MHz
+16 dBm
43 mA

Si4460
Major bands
142-1050 MHz
+13 dBm
24 mA

VCO
Loop
Filter
PFD / CP
Frac-N Div
30 MHz XO
LO
Gen
LNA
RF
PKDET
PGA
ADC
MODEM
FIFO
Packet
Handler
32K LP
OSC
Bootup
OSC
LBD
POR
IF
PKDET
Digital
Logic
PowerRamp
Cntl
PA
LDO
TX DIV
RXP
RXN
TX
TXRAMP
XOUT
XIN
nSEL
SDI
SDO
SCLK
nIRQ
LDOs
FBDIV
PA
VDD
GPIO0 GPIO1
GPIO2
GPIO3
SDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com