Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HTX Fiches technique(PDF) 17 Page - RMT Ltd.

No de pièce HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RMT [RMT Ltd.]
Site Internet  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Fiches technique(HTML) 17 Page - RMT Ltd.

Back Button HTX Datasheet HTML 13Page - RMT Ltd. HTX Datasheet HTML 14Page - RMT Ltd. HTX Datasheet HTML 15Page - RMT Ltd. HTX Datasheet HTML 16Page - RMT Ltd. HTX Datasheet HTML 17Page - RMT Ltd. HTX Datasheet HTML 18Page - RMT Ltd. HTX Datasheet HTML 19Page - RMT Ltd. HTX Datasheet HTML 20Page - RMT Ltd. HTX Datasheet HTML 21Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
OPERATING MANUAL. HTX SERIES
Page 17 of 36
Mounting instructions:
1. Select a representative area of the surface you want to study.
2. Ensure that the area of interest is flat, dry, and free of dust and grease.
Clean the Sensor surface with ethanol or isopropanol. Do not use acids or
alkali for cleaning the Sensor.
3. Apply the Sensor using any of the above described mounting substances.
When mounting the Sensor, make sure no air is trapped between the
surface and the Sensor. Air gaps are thermally insulating and heavily
distort the measurement results.
4. Mount the Sensor with the positive side of the Sensor in the direction of
the expected positive heat flux (as described in Section 5.1).
Do not apply more than 200 N per cm
2 of compressive force to the Sensor
at any time.
5. In order to ensure meaningful results, we recommend making the
exposed Sensor surface similar to the finish of the surface to be measured.
For example, if the surface to be measured is covered with white paint, you
will get maximum accuracy by painting the Sensor surface with the same
paint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36