Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HTX Fiches technique(PDF) 33 Page - RMT Ltd.

No de pièce HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RMT [RMT Ltd.]
Site Internet  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Fiches technique(HTML) 33 Page - RMT Ltd.

Back Button HTX Datasheet HTML 28Page - RMT Ltd. HTX Datasheet HTML 29Page - RMT Ltd. HTX Datasheet HTML 30Page - RMT Ltd. HTX Datasheet HTML 31Page - RMT Ltd. HTX Datasheet HTML 32Page - RMT Ltd. HTX Datasheet HTML 33Page - RMT Ltd. HTX Datasheet HTML 34Page - RMT Ltd. HTX Datasheet HTML 35Page - RMT Ltd. HTX Datasheet HTML 36Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
OPERATING MANUAL. HTX SERIES
Page 33 of 36
11.5 Use in fluids
The Sensor is hermetically sealed and may be exposed to moisture or clean
neutral water at temperatures less than 100° C for a short time by properly
insulating all electrical parts. However, long term exposure to wet ambient
conditions is not recommended as this may corrode the metallic leads.
Use in other fluids is not recommended.
In any case, do not expose the Sensor to strong acids or alkalis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36