| Moteur de recherche de fiches techniques de composants électroniques |
|
HTX Fiches technique(PDF) 18 Page - RMT Ltd. |
|
|
|||||||||||||||||||||||||||||
HTX Fiches technique(HTML) 18 Page - RMT Ltd. |
|
18 / 36 page ![]() THERMOELECTRIC HEAT FLUX SENSORS Page 18 of 36 Between two solid materials Fig. 7.2 Mounting between two solid materials. Mounting instructions: 1. Ensure that both solid bodies have contact areas at least as large as the HTX Heat Flux Sensor. 2. Ensure that the two solid planes are perfectly parallel to each other and that the contact surfaces are flat, dry and free of dust and grease. Clean the Sensor surface with ethanol or isopropanol. Do not use acids or alkali for cleaning the Sensor. 3. Mount the Sensor with the positive side of the Sensor in the direction of the expected positive heat flux. 4. Sandwich the Sensor between the two contact areas using any of the above described mounting substances. It is highly recommended to use thermally conductive paste or glue to increase the quality of the thermal contacts between the surfaces and the Sensor. Do not use too much thermal paste or glue as it increases the risk of thermal short-cuts between the two contact surfaces. Furthermore, ensure |