Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HTX Fiches technique(PDF) 24 Page - RMT Ltd.

No de pièce HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RMT [RMT Ltd.]
Site Internet  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Fiches technique(HTML) 24 Page - RMT Ltd.

Back Button HTX Datasheet HTML 20Page - RMT Ltd. HTX Datasheet HTML 21Page - RMT Ltd. HTX Datasheet HTML 22Page - RMT Ltd. HTX Datasheet HTML 23Page - RMT Ltd. HTX Datasheet HTML 24Page - RMT Ltd. HTX Datasheet HTML 25Page - RMT Ltd. HTX Datasheet HTML 26Page - RMT Ltd. HTX Datasheet HTML 27Page - RMT Ltd. HTX Datasheet HTML 28Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
THERMOELECTRIC HEAT FLUX SENSORS
Page 24 of 36
It is easy to obtain them as for all thermoelectric Heat Flux Sensors of RMT
the temperature dependences are investigated and general formulas are
advised in the Specifications and Datasheets.
The temperature dependence of sensitivity is given as a polynomial of the
3-rd order:
�������� = ��������0 × [(A2 × (���� − ����0 )2 + A1 × (���� − ����0) + A0)]
(9.1)
where ����0- is always =1; ��������0 - sensitivity at “standard” calibration
temperature
����0 (= 300����); �������� – sensitivity at working
temperature ����.
In the expression (9.1) value in brackets is a temperature correction factor.
����(����) = [(A2 × (���� − ����0 )2 + A1 × (���� − ����0) + A0)]
(9.2)
Sensitivity Se [mV/(W/m
2)] is also given in the Sensor Specification
(Chapter 3. Specifications) and it correlates with the integral sensitivity Sa
[V/W] as
�������� = �������� × ����
(9.3)
where ���� – sensitive surface of the Heat Flux Sensor.
Thus the temperature correction factor ����(����) is the same for both
sensitivities
�������� = ��������0 × ����(����)
(9.4)
�������� = ��������0 × ����(����)
(9.5)
The coefficients of the polynomial expression are common and are given in
the Datasheet of the Heat Flux Sensor series (table 2).
Table 9.1. Polynomial expression of temperature dependence of Sensors
sensitivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36