Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HTX Fiches technique(PDF) 16 Page - RMT Ltd.

No de pièce HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RMT [RMT Ltd.]
Site Internet  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Fiches technique(HTML) 16 Page - RMT Ltd.

Back Button HTX Datasheet HTML 12Page - RMT Ltd. HTX Datasheet HTML 13Page - RMT Ltd. HTX Datasheet HTML 14Page - RMT Ltd. HTX Datasheet HTML 15Page - RMT Ltd. HTX Datasheet HTML 16Page - RMT Ltd. HTX Datasheet HTML 17Page - RMT Ltd. HTX Datasheet HTML 18Page - RMT Ltd. HTX Datasheet HTML 19Page - RMT Ltd. HTX Datasheet HTML 20Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
THERMOELECTRIC HEAT FLUX SENSORS
Page 16 of 36
Clean the surface to be measured and spread a thin layer of thermal glue
onto the backside of the Sensor. Then press the Sensor onto the surface
and follow the curing instructions of the glue.
6.2 Removal of the mounting substance
To remove the different mounting substances, refer to the respective
manufacturer’s instruction manual. If no instructions are available, contact
the supplier. Isopropanol and ethanol can be used as cleaning agents
whereas acids and alkali must be avoided to avoid damage to the Sensors.
Rub the surface gently with a soaked tissue to remove residues of the
mounting substance.
6.3 Mounting methods
The Sensor responds to all the three types of heat transfer: conduction,
convection and radiation. The HTX Heat Flux Sensors are fully calibrated
for measuring conductive heat flux. The conductive calibration ensures
highly precise measurements for the following two measurement
scenarios.
At the interface between a solid surface and gas
Fig. 7.1 Mounting onto solid surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36