| Moteur de recherche de fiches techniques de composants électroniques |
|
HTX Fiches technique(PDF) 34 Page - RMT Ltd. |
|
|
|||||||||||||||||||||||||||||
HTX Fiches technique(HTML) 34 Page - RMT Ltd. |
|
34 / 36 page ![]() THERMOELECTRIC HEAT FLUX SENSORS Page 34 of 36 12. DEFINITIONS Value Units Name �������� W/m 2 Heat flux density �������� W Integral (total) heat flux to Sensor �������� V/(W/m2) Sensitivity of Heat Flux Sensor �������� V/W Integral sensitivity ����∗ cmHz 1/2/W Detectivity NEP W/Hz 1/2 Noise equivalent power �������� K/W or K/(W/m 2) Thermal resistance ���� V/K Seebeck coefficient ������������ Ohm AC resistance of Sensor ���� Number of pellets (thermoelements) pairs ∆���� K Operation temperature difference ����ℎ K Hot side temperature �������� K Cold side temperature �������� W/K Thermal conductance ���� W/mK Thermal conductivity ���� mm 2 Cross-section of pellet ℎ mm Height of pellet H mm Sensor thickness AxB mm 2 Sensor size (or diameter if “Dia”) s Thermal time constant Z K -1 Thermoelectric Figure-of-Merit Emissivity of sensitive surface |