Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HTX Fiches technique(PDF) 10 Page - RMT Ltd.

No de pièce HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RMT [RMT Ltd.]
Site Internet  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Fiches technique(HTML) 10 Page - RMT Ltd.

Back Button HTX Datasheet HTML 6Page - RMT Ltd. HTX Datasheet HTML 7Page - RMT Ltd. HTX Datasheet HTML 8Page - RMT Ltd. HTX Datasheet HTML 9Page - RMT Ltd. HTX Datasheet HTML 10Page - RMT Ltd. HTX Datasheet HTML 11Page - RMT Ltd. HTX Datasheet HTML 12Page - RMT Ltd. HTX Datasheet HTML 13Page - RMT Ltd. HTX Datasheet HTML 14Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
THERMOELECTRIC HEAT FLUX SENSORS
Page 10 of 36
Fig 4.1 Schematic diagram of mounting and functionality of a
HTX Heat Flux Sensor.
3.6 Data acquisition
Connect the Sensor to the read-out devices and collect data according to
the data acquisition procedure.
3.7 How to calculate heat flux
Every Heat Flux Sensor has performance parameter – sensitivity to heat
flux (Sa and Se). The data acquisition device collects voltage output from
the Sensor U.
The heat flux P must be calculated as
���� =
����
�������� × ����(����)
(4.1)
Where Si – sensitivity: if Si=Se, P will be outputted in the units of heat
flux density [W/m
2]; if Si=Sa, the integral heat flux will be obtained in
[W]; F(T) – temperature correction factor, dependence of sensitivity
on working temperature T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36