| Moteur de recherche de fiches techniques de composants électroniques |
|
HTX Fiches technique(PDF) 31 Page - RMT Ltd. |
|
|
|||||||||||||||||||||||||||||
HTX Fiches technique(HTML) 31 Page - RMT Ltd. |
|
31 / 36 page ![]() OPERATING MANUAL. HTX SERIES Page 31 of 36 10. MAINTENANCE OF THE SENSOR 10.1 Removing Sensor from measurement setup If the HTX Heat Flux Sensor has been mounted using a thermally conductive tape or paste, it can be easily removed without destroying the Sensor. The thermally conductive tape and thermally conductive paste can be removed following the instructions given in Section 4.1. 10.2 Cleaning of Sensor Cleaning is only necessary before mounting the Sensor. Clean the Sensor surface with ethanol or isopropanol. Once the Sensor is mounted, no further cleaning is necessary. 10.3 Storage Store an unused HTX Heat Flux Sensor at ambient temperature in a clean and dry place. No further care is required. |