Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HTX Fiches technique(PDF) 12 Page - RMT Ltd.

No de pièce HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RMT [RMT Ltd.]
Site Internet  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Fiches technique(HTML) 12 Page - RMT Ltd.

Back Button HTX Datasheet HTML 8Page - RMT Ltd. HTX Datasheet HTML 9Page - RMT Ltd. HTX Datasheet HTML 10Page - RMT Ltd. HTX Datasheet HTML 11Page - RMT Ltd. HTX Datasheet HTML 12Page - RMT Ltd. HTX Datasheet HTML 13Page - RMT Ltd. HTX Datasheet HTML 14Page - RMT Ltd. HTX Datasheet HTML 15Page - RMT Ltd. HTX Datasheet HTML 16Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
THERMOELECTRIC HEAT FLUX SENSORS
Page 12 of 36
4.
HEAT FLUX SENSORS INTRODUCTION
4.1 Description of installation
The Sensor has two flat sides marked differently and also the cable has
marking (red strip – wire #1).
One side of the Sensor is marked by “+” – positive side.
If the Sensor is placed with its positive side to the heat flux (Fig. 5.1), the
positive voltage output will be on the Sensor’s wire #4.
In other words if the positive voltage is on Connector pin #4, the heat flux
comes from the positive side. And vice versa.
Fig. 5.1 Direction of heat flux.
4.2 Sides of the Sensor
Although the positive side is marked differently, the Sensor can work bi-
directionally with the same performance. Only the direction of the output
voltage will give information about the direction of the heat flux.
But in the application it is simple to follow the rule – heat comes to the
positive side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36