Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HTX Fiches technique(PDF) 3 Page - RMT Ltd.

No de pièce HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RMT [RMT Ltd.]
Site Internet  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Fiches technique(HTML) 3 Page - RMT Ltd.

  HTX Datasheet HTML 1Page - RMT Ltd. HTX Datasheet HTML 2Page - RMT Ltd. HTX Datasheet HTML 3Page - RMT Ltd. HTX Datasheet HTML 4Page - RMT Ltd. HTX Datasheet HTML 5Page - RMT Ltd. HTX Datasheet HTML 6Page - RMT Ltd. HTX Datasheet HTML 7Page - RMT Ltd. HTX Datasheet HTML 8Page - RMT Ltd. HTX Datasheet HTML 9Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
OPERATING MANUAL. HTX SERIES
Page 3 of 36
Between two solid materials
18
7.
DATA ACQUISITION
20
7.1 Datalogger DX8140
20
Applicability
20
7.2 Voltmeter as a read-out device
20
Applicability
21
7.3 Ohmmeter as a read-out device of temperature
21
7.4 Third party read-out device
22
Applicability
22
8.
DATA ANALYSIS
23
8.1 Temperature corrections
23
Example for calculating
25
8.2 Heat flux measurements
26
Example for heat flux measurement
27
9.
SELF-CALIBRATION PROCEDURE
28
9.1 Method
28
9.2 Measurement Scheme
29
9.3 Equipment
30
9.4 Example
30
10.
MAINTENANCE OF THE SENSOR
31
10.1 Removing Sensor from measurement setup
31
10.2 Cleaning of Sensor
31
10.3 Storage
31
11.
ADDITIONAL INFORMATION
32
11.1 Electromagnetic field
32
11.2 Trouble shooting electrical problem
32
11.3 Application in temperatures outside of calibration range
32
11.4 Influence of radiative heat flux
32
11.5 Use in fluids
33
12.
DEFINITIONS
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36