| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 135 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 135 Page - STMicroelectronics |
|
135 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 135/162 Syntax RLCW dst e.g. RLCW X Operation Description The destination is an index register. This instruction shifts all bits of the register one place to the left through Carry bit. Bit 0 of the result is a copy of CC.C value before the operation. Instruction overview N ⇒ R15 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R15.R14.R13.R12.R11.R10.R9.R8.R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. C ⇒ b15 Set if, before the shift, the MSB of register or memory was set, cleared otherwise. Detailed description See also: RLC, RRCW, SLLW, SRLW, SRAW, SWAPW, SLAW RLCW Rotate Word Left Logical through Carry RLCW mnem dst Affected condition flags VI1 H I0 N Z C RLCW Reg - - - - N Z bit15 dst Asm cy lgth Op-code(s) ST7 XRLCW X 2 1 59 ✗ YRLCW Y 2 2 90 59 ✗ Cb15 b0 |