| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 137 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 137 Page - STMicroelectronics |
|
137 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 137/162 Syntax RRC dst e.g. RRC (X) Operation Description The destination is either a memory byte location or a register. This instruction is compact, and does not affect any register when used with RAM variables.This instruction shifts all bits of the register or memory, one place to the right. Bit 7 of the result is a copy of the CC.C bit value before the operation. Instruction overview N ⇒ R7 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. C ⇒ b0 Set if, before the shift, the LSB of register or memory was set, cleared otherwise. Detailed description See also: RLC, SRL, SLL, SRA, SWAP, ADC, SLA RRC Rotate Right Logical through Carry RRC mnem dst Affected condition flags VI1 H I0 N Z C RRC Reg - - - - N Z bit0 RRC Mem - - - - N Z bit0 dst Asm cy lgth Op-code(s) ST7 A RRC A 1 1 46 ✗ shortmem RRC $10 1 2 36 XX ✗ longmem RRC $1000 1 4 72 56 MS LS (X) RRC (X) 1 1 76 ✗ (shortoff,X) RRC ($10,X) 1 2 66 XX ✗ (longoff,X) RRC ($1000,X) 1 4 72 46 MS LS (Y) RRC (Y) 1 2 90 76 ✗ (shortoff,Y) RRC ($10,Y) 1 3 90 66 XX ✗ (longoff,Y) RRC ($1000,Y) 1 4 90 46 MS LS (shortoff,SP) RRC ($10,SP) 1 2 06 XX ✗ [shortptr.w] RRC [$10] 4 3 92 36 XX ✗ [longptr.w] RRC [$1000].w 4 4 72 36 MS LS ([shortptr.w],X) RRC ([$10],X) 4 3 92 66 XX ✗ ([longptr.w],X) RRC ([$1000.w],X) 4 4 72 66 MS LS ([shortptr.w],Y) RRC ([$10],Y) 4 3 91 66 XX ✗ Cb7 b0 |