Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0044 Fiches technique(PDF) 131 Page - STMicroelectronics

No de pièce PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Fiches technique(HTML) 131 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 127Page - STMicroelectronics PM0044 Datasheet HTML 128Page - STMicroelectronics PM0044 Datasheet HTML 129Page - STMicroelectronics PM0044 Datasheet HTML 130Page - STMicroelectronics PM0044 Datasheet HTML 131Page - STMicroelectronics PM0044 Datasheet HTML 132Page - STMicroelectronics PM0044 Datasheet HTML 133Page - STMicroelectronics PM0044 Datasheet HTML 134Page - STMicroelectronics PM0044 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 162 page
background image
PM0044
STM8 instruction set
Doc ID 13590 Rev 3
131/162
Syntax
RET
Operation
MSB (PC) = (++SP)
LSB (PC) = (++SP)
Description
Restore the PC from the stack. The stack pointer is incremented twice. This
instruction, is the last instruction of a subroutine in same section.
Instruction overview
Detailed description
See also: CALL, CALLR
Note:
Please note that the RET should be in the same section as the corresponding CALL.
RET
Return from subroutine
RET
mnem
Affected condition flags
VI1
H
I0
N
Z
C
RET
-------
Addressing
mode
Asm
cy
lgth
Op-code(s)
ST7
Inherent
RET
4
1
81
✗



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More