| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 138 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 138 Page - STMicroelectronics |
|
138 / 162 page ![]() STM8 instruction set PM0044 138/162 Doc ID 13590 Rev 3 Syntax RRCW dst e.g. RRCWX Operation Description The destination is an index register. This instruction shifts all bits of the register or memory, one place to the right, through the Carry bit. Bit 15 of the result is a copy of the CC.C bit value before the operation. Instruction overview N ⇒ R15 Set if bit 15 of the result is set (negative value), cleared otherwise. Z ⇒ R15.R14.R13.R12.R11.R10.R9.R8.R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. C ⇒ b0 Set if, before the shift, the MSB of register or memory was set, cleared otherwise. Detailed description See also: RRC, RLCW, SRLW, SLLW, SRAW, SWAPW, SLAW RRCW Rotate Word Right Logical through Carry RRCW mnem dst Affected condition flags VI1 H I0 N Z C RRCW Reg - - - - N Z bit0 dst Asm cy lgth Op-code(s) ST7 XRRCW X 2 1 56 ✗ YRRCW Y 2 2 90 56 ✗ Cb15 b0 |