Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0044 Fiches technique(PDF) 136 Page - STMicroelectronics

No de pièce PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Fiches technique(HTML) 136 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 132Page - STMicroelectronics PM0044 Datasheet HTML 133Page - STMicroelectronics PM0044 Datasheet HTML 134Page - STMicroelectronics PM0044 Datasheet HTML 135Page - STMicroelectronics PM0044 Datasheet HTML 136Page - STMicroelectronics PM0044 Datasheet HTML 137Page - STMicroelectronics PM0044 Datasheet HTML 138Page - STMicroelectronics PM0044 Datasheet HTML 139Page - STMicroelectronics PM0044 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 162 page
background image
STM8 instruction set
PM0044
136/162
Doc ID 13590 Rev 3
Syntax
RLWA dst
e.g. RLWA Y,A
Operation
A <= dstH <= dstL <= A
Description
The destination index register and Accumulator are rotated left by 1-byte.
Instruction overview
N
⇒
R15
Set if bit 15 of the result is set (negative value), cleared otherwise.
Z
⇒
R15.R14.R13.R12.R11.R10.R9.R8.R7.R6.R5.R4.R3.R2.R1.R0
Set if the result is zero (0x0000), cleared otherwise.
Detailed description
See also: RRWA, SWAPW
RLWA
Rotate Word Left through A
RLWA
mnem
dst
src
Affected condition flags
VI1
H
I0
N
Z
C
RLWA
X
A
--
--
N
Z
-
RLWA
Y
A
--
--
N
Z
-
dst
src
Asm
cy
lgth
Op-code(s)
ST7
XA
RLWA X
1
1
02
YA
RLWA Y
1
2
90
02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More