Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3375 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 41Page - STMicroelectronics AN3375 Datasheet HTML 42Page - STMicroelectronics AN3375 Datasheet HTML 43Page - STMicroelectronics AN3375 Datasheet HTML 44Page - STMicroelectronics AN3375 Datasheet HTML 45Page - STMicroelectronics AN3375 Datasheet HTML 46Page - STMicroelectronics AN3375 Datasheet HTML 47Page - STMicroelectronics AN3375 Datasheet HTML 48Page - STMicroelectronics AN3375 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
AN3375
ISO15693 library (intermediate layer)
Doc ID 018637 Rev 1
45/73
3.8.3
ISO15693_GetMemorySizeFlag function
This function returns Memory Size flag extracted from the information flags.
3.8.4
ISO15693_GetICReferenceFlag function
This function returns the IC reference flag.
Table 69.
ISO15693_GetMemorySizeFlag function description
Function description
Prototype
result = int8_t
ISO15693_GetMemorySizeFlag (uc8
FlagsByte);
Input parameter
FlagsByte: information flags
Output parameter
none
Return parameter
Memory Size flag
Table 70.
IISO15693_GetICReferenceFlag function description
Function description
Prototype
result = int8_t
ISO15693_GetICReferenceFlag (uc8
FlagsByte);
Input parameter
FlagsByte: information flags
Output parameter
none
Return parameter
IC reference flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73