| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3375 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3375 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 73 page ![]() ISO15693 library (intermediate layer) AN3375 42/73 Doc ID 018637 Rev 1 3.6.6 ISO15693_GetSelectOrAFIFlag function This function returns the Select or AFI flag. 3.6.7 ISO15693_GetAddressOrNbSlotsFlag function This function returns the Address or the NbSlots flag. 3.6.8 ISO15693_IsAddressOrNbSlotsFlag function This function returns RESULTOK if AddressOrNbSlots flag is set. Table 60. ISO15693_GetSelectOrAFIFlag function description Function description Prototype result = int8_t ISO15693_GetSelectOrAFIFlag (uc8 FlagsByte); Input parameter FlagsByte: request flags Output parameter none Return parameter Select or AFI flag Table 61. ISO15693_GetAddressOrNbSlotsFlag function description Function description Prototype result = int8_t ISO15693_ GetAddressOrNbSlotsFlag (uc8 FlagsByte); Input parameter FlagsByte: request flags Output parameter none Return parameter Address or NbSlots flag Table 62. ISO15693_IsAddressOrNbSlotsFlag function description Function description Prototype result = int8_t ISO15693_ IsAddressOrNbSlotsFlag (uc8 FlagsByte); Input parameter FlagsByte: request flags Output parameter none Return parameter RESULTOK: AddressOrNbSlots Flag is set ERRORCODE_GENERIC: AddressOrNbSlots Flag is reset |