| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3375 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3375 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 73 page ![]() AN3375 CR95HF low level layer Doc ID 018637 Rev 1 17/73 2.3.8 SendEOF function This function emits an RF pulse (EOF) required to perform an ISO15693 inventory or a write command. 2.3.9 FieldOff function This function switches the RF field off. 2.3.10 HexCommandToStringCommand function This function returns the ASCII code of the command. Table 14. CR95HF_SendEOF function description Function description Prototype result = int8_t CR95HF_SendEOF(uint8_t *pResponse); Input parameter None Output parameter pResponse : pointer to the CR95HF response Return parameter CR95HF_SUCCESS_CODE Table 15. CR95HF_FieldOff function description Function description Prototype result = int8_t CR95HF_FieldOff(void); Input parameter none Output parameter none Return parameter CR95HF_SUCCESS_CODE Table 16. CR95HF_HexCommandToStringCommand function description Function description Prototype result = int8_t CR95HF_HexCommandToStringCommand (uint8_t CmdCode, uint8_t *StringCommand, uint8_t *CmdNameNbByte); Input parameter CmdCode: command code (one byte) Output parameter StringCommand: command string (ASCII format) CmdNameNbByte: number of bytes in the command code Return parameter CR95HF_SUCCESS_CODE |