| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3375 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3375 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 73 page ![]() CR95HF low level layer AN3375 12/73 Doc ID 018637 Rev 1 . 2.3.1 IDN function This function sends an IDN command. The CR95HF returns its version number. 2.3.2 Echo function This function sends an EchoCode command to the CR95HF which returns an Echo code response (0x55). The Echo function checks that communications can be started between the MCU and the CR95HF. Table 2. CR95HF library additional function Function name Brief description CR95HF_SendEOF Send EOF pulse CR95HF_FieldOff Switch off RF field CR95HF_HexCommandToStringCommand Translate hexadecimal command code to command name CR95HF_GetReaderErrorCode Translate hexadecimal error code to error code description CR95HF_IsReaderResultCodeOk Checks if returned code is succeeded code CR95HF_IsReaderErrorCode Checks if returned code is error code CR95HF_IsCommandExists Checks if command is available Table 3. CR95HF_IDN function description Function description Prototype result = int8_t CR95HF_IDN (uint8_t *pResponse) Input parameter None Output parameter pResponse: pointer to CR95HF response Return parameter CR95HF_SUCCESS_CODE Table 4. CR95HF_Echo Function description Prototype result = int8_t CR95HF_Echo (uint8_t *pResponse) Input parameter None Output parameter pResponse: pointer to CR95HF response Return parameter CR95HF_SUCCESS_CODE |