Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3375 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 15Page - STMicroelectronics AN3375 Datasheet HTML 16Page - STMicroelectronics AN3375 Datasheet HTML 17Page - STMicroelectronics AN3375 Datasheet HTML 18Page - STMicroelectronics AN3375 Datasheet HTML 19Page - STMicroelectronics AN3375 Datasheet HTML 20Page - STMicroelectronics AN3375 Datasheet HTML 21Page - STMicroelectronics AN3375 Datasheet HTML 22Page - STMicroelectronics AN3375 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
AN3375
CR95HF low level layer
Doc ID 018637 Rev 1
19/73
2.3.13
IsCommandExists function
This function returns CR95HF_SUCCESS_CODE if the CmdCode value exists.
2.3.14
GetReaderErrorCode function
This function returns a description of the error contained in ReaderReply parameter.
Table 19.
CR95HF_IsCommandExists
function description
Function description
Prototype
result = int8_t CR95HF_IsCommandExists
(uint8_t CmdCode);
Input parameter
CmdCode: command code (one byte)
Output parameter
none
Return parameter
CR95HF_SUCCESS_CODE: the command code exists
CR95HF_ERRORCODE_COMMANDUNKNOWN: the
command code is unknown
Table 20.
CR95HF_GetReaderErrorCode function description
Function description
Prototype
result = int8_t CR95HF_GetReaderErrorCode
(uc8 CmdCode,uc8 *ReaderReply,char
*ErrorDescription);
Input parameter
CmdCode: command code (one byte)
ReaderReply: pointer to CR95HF response
Output parameter
ErrorDescription: pointer to ASCII string
Return parameter
ERRORCODE_GENERIC: CR95HF did not return an error code
CR95HF_SUCCESS_CODE: function successful executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73