| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3375 Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3375 Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 73 page ![]() ISO15693 library (intermediate layer) AN3375 24/73 Doc ID 018637 Rev 1 ISO15693_GetAddressOrNbSlotsFlag Returns address or Number of slot flag from request flags ISO15693_IsAddressOrNbSlotsFlag Returns RESULTOK if AddressOrNbSlots flag is set ISO15693_GetOptionFlag Returns option flag from request flags ISO15693_GetRFUFlag Returns RFU flag from request flags Get flag functions from response flag byte ISO15693_GetErrorFlag Returns error flag from response flag Get flag functions from information flag byte ISO15693_GetDSFIDFlag Returns DSFID flag from information flag ISO15693_GetAFIFlag Returns AFI flag from information flag ISO15693_GetMemorySizeFlag Returns memory size flag from information flag ISO15693_GetICReferenceFlag Returns IC reference flag from information flag Split CR95HF response functions ISO15693_SplitInventoryResponse Splits inventory response of contactless tag ISO15693_SplitGetSystemInfoResponse Splits get system info response of contactless tag ISO15693_SplitMemorySizeInfo Splits memory size field from system info response ISO15693_SplitReadSingleBlockResponse Splits read single block response of contactless tag ISO15693_SplitWriteSingleBlockResponse Splits write single block response of contactless tag ISO15693_SplitWriteMultipleBlockResponse Splits write multiple blocks response of contactless tag ISO15693_SplitWriteAFIResponse Splits write AFI response of contactless tag ISO15693_SplitWriteDSFIDResponse Splits write DSFID response of contactless tag ISO15693_SplitLockBlockResponse Splits lock block response of contactless tag ISO15693_SplitLockAFIResponse Splits lock AFI response of contactless tag ISO15693_SplitLockDSFIDResponse Splits lock DSFID response of contactless tag ISO15693_SplitReadMultipleBlockResponse Splits read multiple blocks response of contactless tag ISO15693_SplitSelectResponse Splits select response of contactless tag ISO15693_SplitResetToReadyResponse Splits reset to ready response of contactless tag ISO15693_SplitGetMultipleBlockSecutityRespon se Splits get multiple block security status response of contactless tag Table 21. ISO15693 functions (continued) Function name Brief description |