| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3375 Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3375 Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 73 page ![]() AN3375 ISO15693 library (intermediate layer) Doc ID 018637 Rev 1 37/73 3.5.4 ISO15693_GetAFI function This function returns the AFI byte of the ISO15693 contactless tag, extracted from the ISO15693_GetSystemInfo command response. 3.5.5 ISO15693_GetMemSizeInfo function This function returns the memory size information of the ISO15693 contactless tag, extracted from the ISO15693_GetSystemInfo command response. Table 45. ISO15693_GetAFI function description Function description Prototype result = int8_t ISO15693_GetAFI (uint8_t *AFIout); Input parameter none Output parameter AFIout: AFI byte of the ISO15693 contactless tag Return parameter ERRORCODE_GENERIC: a parameter value is erroneous or CR95HF returns an error code RESULTOK: CR95HF returns a succeeded code Table 46. ISO15693_GetMemSizeInfo function description Function description Prototype result = int8_t ISO15693_GetMemSizeInfo (uint8_t *NbBlock,uint8_t *MemSize); Input parameter none Output parameter NbBlock: number of block of contactless tag memory MemSize: size of a block of contactless tag memory Return parameter ERRORCODE_GENERIC: a parameter value is erroneous or CR95HF returns an error code RESULTOK: CR95HF returns a succeeded code |