Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3375 Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 39Page - STMicroelectronics AN3375 Datasheet HTML 40Page - STMicroelectronics AN3375 Datasheet HTML 41Page - STMicroelectronics AN3375 Datasheet HTML 42Page - STMicroelectronics AN3375 Datasheet HTML 43Page - STMicroelectronics AN3375 Datasheet HTML 44Page - STMicroelectronics AN3375 Datasheet HTML 45Page - STMicroelectronics AN3375 Datasheet HTML 46Page - STMicroelectronics AN3375 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
AN3375
ISO15693 library (intermediate layer)
Doc ID 018637 Rev 1
43/73
3.6.9
ISO15693_GetOptionFlag function
This function returns the option flag.
3.6.10
ISO15693_GetRFUFlag function
This function returns the RFU flag.
3.7
Get flag from response flag byte function
3.7.1
ISO15693_GetErrorFlag function
This function returns error flag from response flags.
Table 63.
ISO15693_GetOptionFlag function description
Function description
Prototype
result = int8_t ISO15693_GetOptionFlag
(uc8 FlagsByte);
Input parameter
FlagsByte: request flags
Output parameter
none
Return parameter
option flag
Table 64.
ISO15693_GetRFUFlag function description
Function description
Prototype
result = int8_t ISO15693_GetRFUFlag
(uc8 FlagsByte);
Input parameter
FlagsByte: request flags
Output parameter
none
Return parameter
RFU flag
Table 65.
ISO15693_GetErrorFlag function description
Function description
Prototype
result = int8_t ISO15693_GetErrorFlag
(uc8 FlagsByte);
Input parameter
FlagsByte: response flags
Output parameter
none
Return parameter
Error_flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73