| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3375 Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3375 Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 73 page ![]() ISO15693 library (intermediate layer) AN3375 40/73 Doc ID 018637 Rev 1 3.6.1 ISO15693_GetSubCarrierFlag function This function returns the Subcarrier flag. 3.6.2 ISO15693_GetDataRateFlag function This function returns the DataRate flag. Table 53. Description of request flags 5 to 8 when Bit 3 = 0 Bit No Flag Bit 5 Select flag Bit 6 Address flag Bit 7 Option flag Bit 8 RFU Table 54. Description of request flags 5 to 8 when Bit 3 = 1 Bit No Flag Bit 5 AFI flag Bit 6 Nb_slots flag Bit 7 Option flag Bit 8 RFU Table 55. ISO15693_GetSubCarrierFlag function description Function description Prototype result = int8_t ISO15693_GetSubCarrierFlag(uc8 FlagsByte); Input parameter FlagsByte: request flags Output parameter none Return parameter Subcarrier flag Table 56. ISO15693_GetDataRateFlag function description Function description Prototype result = int8_t ISO15693_GetDataRateFlag(uc8 FlagsByte); Input parameter FlagsByte: request flags Output parameter none Return parameter DataRate flag |