Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3375 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 28Page - STMicroelectronics AN3375 Datasheet HTML 29Page - STMicroelectronics AN3375 Datasheet HTML 30Page - STMicroelectronics AN3375 Datasheet HTML 31Page - STMicroelectronics AN3375 Datasheet HTML 32Page - STMicroelectronics AN3375 Datasheet HTML 33Page - STMicroelectronics AN3375 Datasheet HTML 34Page - STMicroelectronics AN3375 Datasheet HTML 35Page - STMicroelectronics AN3375 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
ISO15693 library (intermediate layer)
AN3375
32/73
Doc ID 018637 Rev 1
3.4.12
ISO15693_LockAFI function
This function sends a LockAFI command to the contactless tag.
3.4.13
ISO15693_WriteDSFID function
This function sends a WriteDSFID command to the contactless tag.
Table 35.
ISO15693_LockAFI function description
Function description
Prototype
result = int8_t ISO15693_LockAFI (uc8
Flags, uc8 *UIDin, uc8 AppendCRC,uc8
*CRC16,uint8_t *pResponse);
Input parameter
Flags: request flags
UIDin: pointer to contactless tag UID
AppendCRC: CRC16 management
CRC16: pointer to user CRC16
Output parameter
pResponse: pointer to CR95HF response
Return parameter
RESULTOK: CR95HF returns a succeeded code
ERRORCODE_GENERIC: a parameter value is erroneous
or CR95HF returns an error code
Table 36.
ISO15693_WriteDSFID function description
Function description
Prototype
result = int8_t ISO15693_WriteDSFID (uc8
Flags, uc8 *UIDin,uc8 DSFIDToWrite,uc8
AppendCRC, uc8 *CRC16,uint8_t
*pResponse );
Input parameter
Flags: request flags
UIDin: pointer to contactless tag UID
DSFIDToWrite: DSFID to write into contactless tag memory
AppendCRC: CRC16 management
CRC16: pointer to user CRC16
Output parameter
pResponse: pointer to CR95HF response
Return parameter
RESULTOK: CR95HF returns a succeeded code
ERRORCODE_GENERIC: a parameter value is erroneous
or CR95HF returns an error code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73