| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3224 Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3224 Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 49 page ![]() List of error codes AN3224 46/49 Doc ID 17559 Rev 2 C.1.6 Parameter errors #define FEUSB_ERR_UNKNOWN_PARAMETER -1150 #define FEUSB_ERR_PARAMETER_OUT_OF_RANGE -1151 #define FEUSB_ERR_ODD_PARAMETERSTRING -1152 #define FEUSB_ERR_INDEX_OUT_OF_RANGE -1153 #define FEUSB_ERR_UNKNOWN_SCANOPTION -1154 #define FEUSB_ERR_UNKNOWN_ERRORCODE -1155 C.1.7 Identification errors #define FEUSB_ERR_DEV_DESC_LENGTH -1160 #define FEUSB_ERR_CFG_DESC_LENGTH -1161 #define FEUSB_ERR_INTF_DESC_LENGTH -1162 #define FEUSB_ERR_ENDP_DESC_LENGTH -1163 #define FEUSB_ERR_HID_DESC_LENGTH -1164 #define FEUSB_ERR_STRG_DESC_LENGTH -1165 #define FEUSB_ERR_READ_DEV_DESCRIPTOR -1166 #define FEUSB_ERR_READ_CFG_DESCRIPTOR -1167 #define FEUSB_ERR_READ_STRG_DESCRIPTOR -1168 #define FEUSB_ERR_MAX_INTERFACES -1170 #define FEUSB_ERR_MAX_ENDPOINTS -1171 #define FEUSB_ERR_MAX_STRINGS -1172 C.2 FEISC error codes C.2.1 Common errors #define FEISC_ERR_NEWREADER_FAILURE -4000 #define FEISC_ERR_EMPTY_LIST -4001 #define FEISC_ERR_POINTER_IS_NULL -4002 #define FEISC_ERR_NO_MORE_MEM -4003 #define FEISC_ERR_UNKNOWN_COMM_PORT -4004 #define FEISC_ERR_UNSUPPORTED_FUNCTION -4005 #define FEISC_ERR_NO_USB_SUPPORT -4006 #define FEISC_ERR_OLD_FECOM -4007 C.2.2 Query errors #define FEISC_ERR_NO_VALUE -4010 C.2.3 Handle errors #define FEISC_ERR_UNKNOWN_HND -4020 #define FEISC_ERR_HND_IS_NULL -4021 #define FEISC_ERR_HND_IS_NEGATIVE -4022 #define FEISC_ERR_NO_HND_FOUND -4023 #define FEISC_ERR_PORTHND_IS_NEGATIVE -4024 #define FEISC_ERR_HND_UNVALID -4025 |