Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3224 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 27Page - STMicroelectronics AN3224 Datasheet HTML 28Page - STMicroelectronics AN3224 Datasheet HTML 29Page - STMicroelectronics AN3224 Datasheet HTML 30Page - STMicroelectronics AN3224 Datasheet HTML 31Page - STMicroelectronics AN3224 Datasheet HTML 32Page - STMicroelectronics AN3224 Datasheet HTML 33Page - STMicroelectronics AN3224 Datasheet HTML 34Page - STMicroelectronics AN3224 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
AN3224
RF ISO 15693 High-level commands
Doc ID 17559 Rev 2
31/49
5.3
RF ISO 15693 High-level RESET TO READY command
To issue an RF ISO 15693 High-level RESET TO READY command, send the
FEISC_0xB0_ISOCmd
function with the strReqData set to ‘0026’ (RESET TO READY
request).
Below is an example of code in Visual Basic and C/C++.
5.3.1
RESET TO READY command
Visual Basic source code example
Private Function cmd_ResetToReadyRF_FEIG() As Boolean
Dim strReqData As String
Dim lngReqDataLen As Long
Dim lngRspLength As Long
Dim strRespData As String * 512
Dim lngRespDataLen As Long
Dim lngStatus As Long
' Reset to Ready request Host mode : 0x2600
strReqData = "2600"
lngReqDataLen = Len(strReqData)
' FEIG USB INVENTORY request in Host Mode
lngStatus = FEISC_0xB0_ISOCmd(lngAttachedDeviceHandle(0), &HFF, _
strReqData, lngReqDataLen, _
strRespData, lngRespDataLen, _
1)
' RF INVENTORY REQUEST RESULT
' if(lngStatus = 0) then PASS else FAIL
' if (lngRespDataLen = 0) then No transponder answer
' else strRespData contains the transponder(s) answer(s)
If (lngRespDataLen = 0) Then
cmd_ResetToReadyRF_FEIG = False
Else
cmd_ResetToReadyRF_FEIG = True
End If
End Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49