Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3224 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 14Page - STMicroelectronics AN3224 Datasheet HTML 15Page - STMicroelectronics AN3224 Datasheet HTML 16Page - STMicroelectronics AN3224 Datasheet HTML 17Page - STMicroelectronics AN3224 Datasheet HTML 18Page - STMicroelectronics AN3224 Datasheet HTML 19Page - STMicroelectronics AN3224 Datasheet HTML 20Page - STMicroelectronics AN3224 Datasheet HTML 21Page - STMicroelectronics AN3224 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
PR101-USB and MR101-USB reader detection
AN3224
18/49
Doc ID 17559 Rev 2
4.1.5
FEUSB_OpenDevice
FEUSB_OpenDevice Visual Basic prototype
Table 9 illustrates the FEUSB_OpenDevice Visual Basic function.
FEUSB_OpenDevice C/C++ prototype
Table 10 illustrates the FEUSB_OpenDevice C/C++ function.
Table 9.
FEUSB_OpenDevice
Visual Basic function
Function description
Declaration
Public Declare Function FEUSB_OpenDevice Lib
"FEUSB.DLL" (ByVal dwDeviceID As Long) As Long
Prototype
iHandle = FEUSB_OpenDevice(lngDeviceId(i))
Parameters
dwDeviceID: The reader is detected by calling FEUSB_Scan. The
FEUSB_GetScanListPara allows retrieving the value of the strDeviceHnd
parameter that is converted in Long to obtain dwDeviceID.
Returned value
iHandle: USB reader handle for FEUSB functions
Otherwise FEUSB Error code
Table 10.
FEUSB_OpenDevice
C/C++ function
Function description
Declaration
int
DLL_EXT_FUNC FEUSB_OpenDevice( long nDeviceID );
Prototype
iDeviceHandle = FEUSB_OpenDevice(dwDeviceSerialNumber);
Parameters
dwDeviceID: The reader is detected by calling FEUSB_Scan. The
FEUSB_GetScanListPara allows retrieving the value of the strDeviceHnd
parameter that is converted in Long to obtain dwDeviceID.
Returned value
iHandle: USB reader handle for FEUSB functions
Otherwise FEUSB Error code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49