| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3224 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3224 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 49 page ![]() RF ISO 15693 Transparent commands AN3224 42/49 Doc ID 17559 Rev 2 printf("\n>>> RF Write at adress %.2x%.2x data %.2x%.2x%.2x%.2x : ",Address_parameter[0], Address_parameter[1],Data_parameter[0],Data_parameter[1],Data_param eter[2], Data_parameter[3]); printf("\n --> request : {021F} "); for (i=2; i<iReqLen; i++) printf("%.2X",sReqData[i]); iResult = FEISC_0xBF_ISOTranspCmd (iFeiscHandle, 0xFF,/* USB parameters */ 2,/* MODE 2 : write like answer */ iRspLength, sReqData,/* request */ iReqLen,/* USB request length */ &sRspData[0],&iRspLen,/* answer */ 2 );/* length format 2 : Number of Bytes */ printf("\n --> answer : "); if (iRspLen == 0) printf("No tag answer received"); else for (i=0; i<iRspLen; i++) printf("%c",sRspData[i]); printf("\n\n\n\n"); printf("\npress any key to continue"); printf("\n"); scanf("%x", &entry3); /* RF REQUEST RESULT */ /* if(iResult == 0) PASS else FAIL */ /* if (iRspLen == 0) No transponder answer */ /* else sRspData contains the transponder answer */ return iResult; } |