Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3224 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 20Page - STMicroelectronics AN3224 Datasheet HTML 21Page - STMicroelectronics AN3224 Datasheet HTML 22Page - STMicroelectronics AN3224 Datasheet HTML 23Page - STMicroelectronics AN3224 Datasheet HTML 24Page - STMicroelectronics AN3224 Datasheet HTML 25Page - STMicroelectronics AN3224 Datasheet HTML 26Page - STMicroelectronics AN3224 Datasheet HTML 27Page - STMicroelectronics AN3224 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
PR101-USB and MR101-USB reader detection
AN3224
24/49
Doc ID 17559 Rev 2
FEUSB_GetScanListPara( 0, "FamilyName", sDeviceFamilyName ) ;
FEUSB_GetScanListPara( 0, "Present", sDevicePresence ) ;
/* convert receive data in hexa format */
sscanf((const char*)sDeviceSerialNumber, "%lx",
&dwDeviceSerialNumber);
/* Open Communciation with one FEIG USB device */
/* and get USB hanle for FEUSB functions */
iDeviceHandle = FEUSB_OpenDevice(dwDeviceSerialNumber);
if (iDeviceHandle < 0)
{
/* Error : USB connection problem */
/* Close USB connection */
iErr = FEUSB_CloseDevice(iDeviceHandle);
return 0;
}
/* Link FEIG USB device with FEISC functions */
/* and get USB hanle */
iFeiscHandle = FEISC_NewReader( iDeviceHandle );
if (iFeiscHandle < 0)
{
/* Error : USB connection problem */
/* Close USB connection */
iErr = FEISC_DeleteReader( iFeiscHandle );
return 0;
}
Else
{
/* USB connection OK */
/* iDeviceHandle is handle for FEUSB functions */
/* iFeiscHandle is handle for FEISC functions */
return 1;
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49