Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3224 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 26Page - STMicroelectronics AN3224 Datasheet HTML 27Page - STMicroelectronics AN3224 Datasheet HTML 28Page - STMicroelectronics AN3224 Datasheet HTML 29Page - STMicroelectronics AN3224 Datasheet HTML 30Page - STMicroelectronics AN3224 Datasheet HTML 31Page - STMicroelectronics AN3224 Datasheet HTML 32Page - STMicroelectronics AN3224 Datasheet HTML 33Page - STMicroelectronics AN3224 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
RF ISO 15693 High-level commands
AN3224
30/49
Doc ID 17559 Rev 2
printf("\n");
scanf("%x", &entry3);
/* RF INVENTORY REQUEST RESULT */
/* if(iResult == 0) PASS else FAIL */
/* if (iRspLen == 0) No transponder answer */
/* else sRspData contains the transponder(s) answer(s) */
if (iResult != 0)
{
/* No Tag detected in the Antenna Field */
}
else
{
/* 1 or more transponders are in Antenna Field */
}
/* after INVENTORY request, all transponders are in QUIET mode */
/* RESET TO READY request is sent to Wake Up transponders */
/* RESET TO READY
[0xB0] request */
sReqData[0] = (UCHAR)0x26;
sReqData[1] = (UCHAR)0x00;
iReqLen = 2;
/* (number of bytes :param=2 in request) */
iResult2 = FEISC_0xB0_ISOCmd(iFeiscHandle,0xFF,
sReqData, iReqLen, /* request */
&sRspData[0], &iRspLen,/* answer */
2);/* length format 2 */
if (iResult2 != 0)
{
/* Reset to ready request problem */
}
else
{
/* Reset to ready request OK */
}
return iResult;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49