| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3224 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3224 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 49 page ![]() PR101-USB and MR101-USB reader detection AN3224 16/49 Doc ID 17559 Rev 2 4.1.3 FEUSB_GetScanListSize FEUSB_GetScanListSize Visual Basic prototype Table 5 illustrates the FEUSB_GetScanListSize Visual Basic function. FEUSB_GetScanListSize C/C++ prototype Table 6 illustrates the FEUSB_GetScanListSize C/C++ function. Table 5. FEUSB_GetScanListSize Visual Basic function Function description Declaration Public Declare Function FEUSB_GetScanListSize Lib "FEUSB.DLL" () As Long Prototype lngReaderNumber = FEUSB_GetScanListSize Parameters None Returned value Number of readers connected to the computer USB port and detected by the FEUSB_Scan function Otherwise FEUSB error code. Table 6. FEUSB_GetScanListSize C/C++ function Function description Declaration int DLL_EXT_FUNC FEUSB_GetScanListSize(); Prototype intReaderNumber = FEUSB_GetScanListSize(); Parameters None Returned value Number of readers connected to the computer USB port and detected by the FEUSB_Scan function Otherwise FEUSB error code. |