Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3224 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 23Page - STMicroelectronics AN3224 Datasheet HTML 24Page - STMicroelectronics AN3224 Datasheet HTML 25Page - STMicroelectronics AN3224 Datasheet HTML 26Page - STMicroelectronics AN3224 Datasheet HTML 27Page - STMicroelectronics AN3224 Datasheet HTML 28Page - STMicroelectronics AN3224 Datasheet HTML 29Page - STMicroelectronics AN3224 Datasheet HTML 30Page - STMicroelectronics AN3224 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
AN3224
RF ISO 15693 High-level commands
Doc ID 17559 Rev 2
27/49
Table 14.
FEISC_0xB0_ISOCmd C/C++ prototype
Function description
Prototype
result = FEISC_0xB0_ISOCmd(iFeiscHandle, 0xFF, sReqData,
iReqLen, sRspData,&iRspLen, N);
Parameters
IFeiscHandle: USB reader handle which has been filled in after the reader
detection process (FEISC_NewReader function).
0xFF: Communication address.
sReqData: High-level command to be sent to the reader.
iReqLen: High-level command length.
sRspData: Transponder answer (if any). This variable is filled after the USB
request is issued. Before sending any USB request, strRespData must be
formatted as follows:
char sRspData[64]={0}
&iRspLen: size of the RF answer (length of sRspData).
N: Format of all the parameters passed to the function
0: ASCII.
Example: ‘2356’ corresponds to the string ‘#V’ composed of 2 ASCII
codes.
1: Characters.
Example: ‘2356’ corresponds to 4 characters (2, 3, 5, 6)
2: Hexadecimal.
Example: ‘2356’ corresponds to 2 bytes (0x23 and 0x56)
Returned value
result: error code
0: USB request transmission successful
1: USB request transmission failed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49