Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3224 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 8Page - STMicroelectronics AN3224 Datasheet HTML 9Page - STMicroelectronics AN3224 Datasheet HTML 10Page - STMicroelectronics AN3224 Datasheet HTML 11Page - STMicroelectronics AN3224 Datasheet HTML 12Page - STMicroelectronics AN3224 Datasheet HTML 13Page - STMicroelectronics AN3224 Datasheet HTML 14Page - STMicroelectronics AN3224 Datasheet HTML 15Page - STMicroelectronics AN3224 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
PR101-USB and MR101-USB reader detection
AN3224
12/49
Doc ID 17559 Rev 2
4
PR101-USB and MR101-USB reader detection
Prior to sending any RF command to a PR101-USB or an MR101-USB RF readers, the host
computer must detect the reader. Once detected, a handle is randomly assigned to the
reader.
This section presents all the available functions for performing reader detection. Visual
Basic and C/C++ source code examples are also provided.
The readers are driven by the FEUSB and FEISC functions delivered in the FEUSB.dll and
FEISC.dll files (see Section 3: Installation requirements).
Refer to Appendix C.1 for the full list of error codes returned by the FEUSB functions.
4.1
Overview of reader detection and connection functions
FEUSB.dll and FEISC.dll include several functions allowing to detect or connect to a
reader:
●
FEUSB_ClearScanList
This function re-initializes the USB detection process by clearing the list of scanned
readers. Refer to Section 4.1.1 for a detailed description of the function.
●
FEUSB_Scan
This function searches for all the USB FEIG readers connected to the USB ports of the
host computer. Refer to Section 4.1.2 for a detailed description of the function.
●
FEUSB_GetScanListSize
This function retrieves the number of detected readers. Refer to Section 4.1.3 for a
detailed description of the function.
●
FEUSB_GetScanListPara
This function gives access to all the detected reader information. Refer to Section 4.1.4
for a detailed description of the function.
●
FEUSB_OpenDevice
This function opens a communication channel between a USB FEIG reader and the
FEUSB dll, and assigns a handle to this channel. Refer to Section 4.1.5 for a detailed
description of the function.
●
FEISC_NewReader
This function opens a communication channel between a USB FEIG reader and the
FEISC dll. The reader must have been previously detected by the
FEUSB_OpenDevice
function.Refer to Section 4.1.6 for a detailed description of the
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49