Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3224 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 7Page - STMicroelectronics AN3224 Datasheet HTML 8Page - STMicroelectronics AN3224 Datasheet HTML 9Page - STMicroelectronics AN3224 Datasheet HTML 10Page - STMicroelectronics AN3224 Datasheet HTML 11Page - STMicroelectronics AN3224 Datasheet HTML 12Page - STMicroelectronics AN3224 Datasheet HTML 13Page - STMicroelectronics AN3224 Datasheet HTML 14Page - STMicroelectronics AN3224 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
AN3224
Installation requirements
Doc ID 17559 Rev 2
11/49
High-level command declaration
Public Declare Function FEISC_0xB0_ISOCmd Lib "FEISC.DLL"
(ByVal iReaderHnd As Long, ByVal cBusAdr As Byte, ByVal
cReqData As String, ByVal iReqLen As Long, ByVal cRspData As
String, iRspLen As Long, ByVal iDataType As Long) As Long
Transparent mode command declaration
Public Declare Function FEISC_0xBF_ISOTranspCmd Lib
"FEISC.DLL" (ByVal iReaderHnd As Long, ByVal cBusAdr As Byte,
ByVal iMode As Long, ByVal iRspLength As Long, ByVal cReqData
As String, ByVal iReqLen As Long, ByVal cRspData As String,
iRspLen As Long, ByVal iDataType As Long) As Long ByVal
dwDeviceID As Long) As Long
b)
C/C++ project requirements
When working in C/C++, insert FEUSB.h, FEUSB.lib, FEISC.h, FEISC.lib in your
C/C++ project, and declare them in your source code header file:
#include "FEUSB.h"
#include "FEISC.h"
Below are examples of command declaration in C/C++.
USB management command for FEIG reader detection
int
DLL_EXT_FUNC FEUSB_OpenDevice( long nDeviceID );
High-level command declaration
int
DLL_EXT_FUNC FEISC_0xB0_ISOCmd(
int iReaderHnd,
unsigned char cBusAdr,
unsigned char* cReqData,
int iReqLen,
unsigned char* cRspData,
int* iRspLen,
int iDataFormat );
Transparent mode command declaration
int
DLL_EXT_FUNC FEISC_0xBF_ISOTranspCmd(
int iReaderHnd,
unsigned char cBusAdr,
int iMode,
int iRspLength,
unsigned char* cReqData,
int iReqLen,
unsigned char* cRspData,
int* iRspLen,
int iDataFormat );



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49