| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3661 Fiches technique(PDF) 63 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3661 Fiches technique(HTML) 63 Page - ams AG |
|
63 / 87 page ![]() www.austriamicrosystems.com Revision 1.3 62 - 85 AS3661 Datasheet - D e t a i l e d D e s c r i p t i o n 8.10.34 ENG3 MAPPING LSB Table 69. ENG3 MAPPING LSB Register Register: 0x75 ENG3 MAPPING LSB Bit Bit Name Default Access Bit Description 7 ENG3_LED8 0 R 0: LED8 pin non-mapped to the program exec. engine 3. 1: LED8 pin is mapped to the program execution engine 3. 6 ENG3_LED7 0 R 0: LED7 pin non-mapped to the program exec. engine 3. 1: LED7 pin is mapped to the program execution engine 3. 5 ENG3_LED6 0 R 0: LED6 pin non-mapped to the program exec. engine 3. 1: LED6 pin is mapped to the program execution engine 3. 4 ENG3_LED5 0 R 0: LED5 pin non-mapped to the program exec. engine 3. 1: LED5 pin is mapped to the program execution engine 3. 3 ENG3_LED4 0 R 0: LED4 pin non-mapped to the program exec. engine 3. 1: LED4 pin is mapped to the program execution engine 3. 2 ENG3_LED3 0 R 0: LED3 pin non-mapped to the program exec. engine 3. 1: LED3 pin is mapped to the program execution engine 3. 1 ENG3_LED2 0 R 0: LED2 pin non-mapped to the program exec. engine 3. 1: LED2 pin is mapped to the program execution engine 3. 0 ENG3_LED1 0 R 0: LED1 pin non-mapped to the program exec. engine 3. 1: LED1 pin is mapped to the program execution engine 3. |