Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3661 Fiches technique(PDF) 80 Page - ams AG

No de pièce AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Fiches technique(HTML) 80 Page - ams AG

Back Button AS3661 Datasheet HTML 76Page - ams AG AS3661 Datasheet HTML 77Page - ams AG AS3661 Datasheet HTML 78Page - ams AG AS3661 Datasheet HTML 79Page - ams AG AS3661 Datasheet HTML 80Page - ams AG AS3661 Datasheet HTML 81Page - ams AG AS3661 Datasheet HTML 82Page - ams AG AS3661 Datasheet HTML 83Page - ams AG AS3661 Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
79 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
COMPILER COMMAND SYNTAX: ADV, Target Variable[2], Variable1[2], Variable2[2];
8.15.3.1 ADV Application Example
In this example we want to add variable ‘A’ to variable ‘B’. The result should be stored in variable ‘C’.
COMPILER COMMAND SYNTAX EXAMPLE: ADV, 2, 0, 1;
8.15.4 SUB (Numerical)
SUB Operator either subtracts the 8-bit value from the current value of the target variable.
COMPILER COMMAND SYNTAX: SBN, Target Variable[2], 8-bit value[8];
8.15.4.1 SBN Application Example
In this example we would like to subtract 50d from local variable ‘A’. The result is stored in variable ‘A’.
COMPILER COMMAND SYNTAX EXAMPLE: SBN, 0, 50;
8.15.5 SUB (Variables)
The SBV command subtracts the value of the variable 2 (A, B, C or D) from the value of the variable 1 (A, B, C or D)
and stores the result in the register of target variable (A, B or C). Variables overflow from 0 to 255.
COMPILER COMMAND SYNTAX: SBV, Target Variable[2], Variable1[2], Variable2[2];
Table 93. ADV Parameter Description
Name
Value
Description
Target Variable
0-2
0
variable A
1
variable B
2
variable C
Variable1
0-3
0
local variable A
1
local variable B
2
global variable
C3
register address 3CH variable, or register address 42H value
Variable2
0-3
0
local variable A
1
local variable B
2
global variable
C3
register address 3CH variable, or register address 42H value
Table 94. SBN Parameter Description
Name
Value
Description
8-bit value
0-255
variable value
Target Variable
0-2
0
variable A
1
variable B
2
variable C
Table 95. SBV Parameter Description
Name
Value
Description
Target Variable
0-2
0
variable A
1
variable B
2
variable C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87