| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3661 Fiches technique(PDF) 61 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3661 Fiches technique(HTML) 61 Page - ams AG |
|
61 / 87 page ![]() www.austriamicrosystems.com Revision 1.3 60 - 85 AS3661 Datasheet - D e t a i l e d D e s c r i p t i o n 8.10.28 PROG MEM PAGE SELECT 8.10.29 ENG1 MAPPING MSB 8.10.30 71H ENG1 MAPPING LSB Table 63. PROG MEM PAGE SEL Register Register: 0x4F PROG MEM PAGE SEL Bit Bit Name Default Access Bit Description 2:0 PAGE_SEL 000 R/W These bits select the program memory page. The program memory is divided into six pages of 16 instructions; thus the total amount of the program memory is 96 instructions. 000: Program Memory 0x00 - 0x0F selected. 001: Program Memory 0x10 - 0x1F selected. 010: Program Memory 0x20 - 0x2F selected. 011: Program Memory 0x30 - 0x3F selected. 100: Program Memory 0x40 - 0x4F selected. 101: Program Memory 0x50 - 0x5F selected. Table 64. ENG1 MAPPING MSB Register Register: 0x70 ENG1 MAPPING MSB Bit Bit Name Default Access Bit Description 7 ENG1_GPO 0 R 0: GPO pin non-mapped to the program exec. engine 1. 1: GPO pin is mapped to the program execution engine 1. 0 ENG1_LED9 0 R 0: LED9 pin non-mapped to the program exec. engine1. 1: LED9 pin is mapped to the program execution engine 1. Table 65. ENG1 MAPPING LSB Register Register: 0x71 ENG1 MAPPING LSB Bit Bit Name Default Access Bit Description 7 ENG1_LED8 0 R 0: LED8 pin non-mapped to the program exec. engine 1. 1: LED8 pin is mapped to the program execution engine 1. 6 ENG1_LED7 0 R 0: LED7 pin non-mapped to the program exec. engine 1. 1: LED7 pin is mapped to the program execution engine 1. 5 ENG1_LED6 0 R 0: LED6 pin non-mapped to the program exec. engine 1. 1: LED6 pin is mapped to the program execution engine1. 4 ENG1_LED5 0 R 0: LED5 pin non-mapped to the program exec. engine 1. 1: LED5 pin is mapped to the program execution engine 1. 3 ENG1_LED4 0 R 0: LED4 pin non-mapped to the program exec. engine 1. 1: LED4 pin is mapped to the program execution engine 1. 2 ENG1_LED3 0 R 0: LED3 pin non-mapped to the program exec. engine 1. 1: LED3 pin is mapped to the program execution engine 1. 1 ENG1_LED2 0 R 0: LED2 pin non-mapped to the program exec. engine 1. 1: LED2 pin is mapped to the program execution engine 1. 0 ENG1_LED1 0 R 0: LED1 pin non-mapped to the program exec. engine 1. 1: LED1 pin is mapped to the program execution engine 1. |