| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3661 Fiches technique(PDF) 67 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3661 Fiches technique(HTML) 67 Page - ams AG |
|
67 / 87 page ![]() Table 74. Data Transfer and Arithmetic Instructions Arithmetic Instructions Compiler Command Bit [15] Bit [14] Bit [13] Bit [12] Bit [11] Bit [10] Bit [9] Bit [8] Bit [7] Bit [6] Bit [5] Bit [4] Bit [3] Bit [2] Bit [1] Bit [0] ld LD 1 0 0 1 target variable 0 0 8-bit value add 1 ADN 1 0 0 1 0 1 8-bit value add 2 ADV 1 0 0 1 1 1 0 0 0 0 variable1 variable2 sub 1 SBN 1 0 0 1 1 0 8-bit value sub 2 SBV 1 0 0 1 1 1 0 0 0 1 variable1 variable2 1. This opcode is used with numerical operands. 2. This opcode is used with variables. |