Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3661 Fiches technique(PDF) 81 Page - ams AG

No de pièce AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Fiches technique(HTML) 81 Page - ams AG

Back Button AS3661 Datasheet HTML 77Page - ams AG AS3661 Datasheet HTML 78Page - ams AG AS3661 Datasheet HTML 79Page - ams AG AS3661 Datasheet HTML 80Page - ams AG AS3661 Datasheet HTML 81Page - ams AG AS3661 Datasheet HTML 82Page - ams AG AS3661 Datasheet HTML 83Page - ams AG AS3661 Datasheet HTML 84Page - ams AG AS3661 Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
80 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.15.5.1 SBV Application Example
In this example we would like to subtract variable ‘A’ from variable ‘B’. The result should be stored in variable ‘C’.
COMPILER COMMAND SYNTAX EXAMPLE: SBV, 2, 0, 1;
Variable1
0-3
0
local variable A
1
local variable B
2
global variable
C3
register address 3CH variable, or register address 42H value
Variable2
0-3
0
local variable A
1
local variable B
2
global variable
C3
register address 3CH variable, or register address 42H value
Table 95. SBV Parameter Description
Name
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87