| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3661 Fiches technique(PDF) 62 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3661 Fiches technique(HTML) 62 Page - ams AG |
|
62 / 87 page ![]() www.austriamicrosystems.com Revision 1.3 61 - 85 AS3661 Datasheet - D e t a i l e d D e s c r i p t i o n 8.10.31 ENG2 MAPPING MSB 8.10.32 ENG2 MAPPING LSB 8.10.33 ENG3 MAPPING MSB Table 66. ENG2 MAPPING MSB Register Register: 0x72 ENG2 MAPPING MSB Bit Bit Name Default Access Bit Description 7 ENG2_GPO 0 R 0: GPO pin non-mapped to the program exec. engine 2. 1: GPO pin is mapped to the program execution engine 2. 0 ENG2_LED9 0 R 0: LED9 pin non-mapped to the program exec. engine2. 1: LED9 pin is mapped to the program execution engine 2. Table 67. ENG2 MAPPING LSB Register Register: 0x73 ENG2 MAPPING LSB Bit Bit Name Default Access Bit Description 7 ENG2_LED8 0 R 0: LED8 pin non-mapped to the program exec. engine 2. 1: LED8 pin is mapped to the program execution engine 2. 6 ENG2_LED7 0 R 0: LED7 pin non-mapped to the program exec. engine 2. 1: LED7 pin is mapped to the program execution engine 2. 5 ENG2_LED6 0 R 0: LED6 pin non-mapped to the program exec. engine 2. 1: LED6 pin is mapped to the program execution engine 2. 4 ENG2_LED5 0 R 0: LED5 pin non-mapped to the program exec. engine 2. 1: LED5 pin is mapped to the program execution engine 2. 3 ENG2_LED4 0 R 0: LED4 pin non-mapped to the program exec. engine 2. 1: LED4 pin is mapped to the program execution engine 2. 2 ENG2_LED3 0 R 0: LED3 pin non-mapped to the program exec. engine 2. 1: LED3 pin is mapped to the program execution engine 2. 1 ENG2_LED2 0 R 0: LED2 pin non-mapped to the program exec. engine 2. 1: LED2 pin is mapped to the program execution engine 2. 0 ENG2_LED1 0 R 0: LED1 pin non-mapped to the program exec. engine 2. 1: LED1 pin is mapped to the program execution engine 2. Table 68. ENG3 MAPPING MSB Register Register: 0x74 ENG3 MAPPING MSB Bit Bit Name Default Access Bit Description 7 ENG3_GPO 0 R 0: GPO pin non-mapped to the program exec. engine 3. 1: GPO pin is mapped to the program execution engine 3. 0 ENG3_LED9 0 R 0: LED9 pin non-mapped to the program exec. engine 3. 1: LED9 pin is mapped to the program execution engine 3. |